Part Number Hot Search : 
HWL34YRA 73S8024 EC3AB11 MS108 630BH023 90TFIR10 3PR5K PMT8250
Product Description
Full Text Search
 

To Download T7-2S1212N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
T7-2N Series
14-Pin DIP, Unregulated 2 Watt
*MODEL NUMBER OUTPUT VOLTAGE 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC OUTPUT CURRENT 500 400 167 134 mA mA mA mA OUTPUT POWER 1.7W 2W 2W 2W 2W 2W 2W 5 VDC IN T7-2S053.3N T7-2S0505N T7-2S0512N T7-2S0515N T7-2D0505N T7-2D0512N T7-2D0515N 12 VDC IN T7-2S123.3N T7-2S1205N T7-2S1212N T7-2S1215N T7-2D1205N T7-2D1212N T7-2D1215N 24 VDC IN T7-2S243.3N T7-2S2405N T7-2S2412N T7-2S2415N T7-2D2405N T7-2D2412N T7-2D2415N
200 mA 84 mA 67 mA
* Add suffix "H" for 3K VDC isolation version. 48V input and other input/output combinations are also available.
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted. INPUT SPECIFICATIONS Input Voltage Range.................................................10% Input Filter........................................................Capacitors OUTPUT SPECIFICATIONS Voltage Accuracy..............................................5%, Max. Voltage Balance, Balance Load.......................1%, Max. Line Regulation, FL...............................1.2%/%Vin, Typ. Load Regulation, FL-20%FL.............................8%, Typ. Ripple and Noise, 20MHz BW..................75 mVp-p, Max. Short Circuit Protection...................................Momentary GENERAL SPECIFICATIONS Efficiency.............................................................72- 85% Isolation Voltage, Input to Output........1K VDC, Standard 3K VDC, Suffix "H" Isolation Resistance...................................109 Ohms, Min. Isolation Capacitance.......................................60pF, Typ. Switching Frequency.....................................80 kHz, Typ. Operating Temperature, No Derating.......-25C to +71C Storage Temperature Range..................-40C to +125C Cooling...............................................Free Air Convection MTBF per MIL-HDBK-217F @25C..........>2,000k Hours Weight....................................................0.1 oz. (3 grams) Case Material.....................Non-Conductive Black Plastic
PIN CONNECTIONS STANDARD PIN 1 7 8 9 10 11 14 SINGLE -Vin *NC *NP +Vout *NP -Vout +Vin DUAL -Vin *NC Com. +Vout *NP -Vout +Vin 3K VDC ISOLATION SINGLE -Vin *NC +Vout *NP -Vout *NP +Vin DUAL -Vin *NC +Vout Com. -Vout *NP +Vin
*NC: No Connection *NP: No Pin
0.10 (2.54) 0.80 (20.32) 0.10 (2.54)
14
1
BOTTOM VIEW
8 H 0.27 (6.85) 0.12 (3.05) 0.30 (7.62) 0.40 (10.16)
7
PIN SIZE: 0.02 X 0.01 INCH ALL DIMENSIONS IN INCHES (mm)
-01/2008-
Tumbler Technologies + TRUMPower * Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of T7-2S1212N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X